Part Number Hot Search : 
70013 SM130 RUW15 KTA12 C122M F60B1 ESD8551 51221
Product Description
Full Text Search
 

To Download IRF730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS transistor Avalanche energy rated
FEATURES
* Repetitive Avalanche Rated * Fast switching * High thermal cycling performance * Low thermal resistance
g
IRF730
SYMBOL
d
QUICK REFERENCE DATA VDSS = 400 V ID = 7.2 A RDS(ON) 1
s
GENERAL DESCRIPTION
N-channel, enhancement mode field-effect power transistor, intended for use in off-line switched mode power supplies, T.V. and computer monitor power supplies, d.c. to d.c. converters, motor control circuits and general purpose switching applications. The IRF730 is supplied in the SOT78 (TO220AB) conventional leaded package.
PINNING
PIN 1 2 3 tab gate drain source drain DESCRIPTION
SOT78 (TO220AB)
tab
1 23
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER VDSS VDGR VGS ID IDM PD Tj, Tstg Drain-source voltage Drain-gate voltage Gate-source voltage Continuous drain current Pulsed drain current Total dissipation Operating junction and storage temperature range CONDITIONS Tj = 25 C to 150C Tj = 25 C to 150C; RGS = 20 k Tmb = 25 C; VGS = 10 V Tmb = 100 C; VGS = 10 V Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 400 400 30 7.2 4.6 29 125 150 UNIT V V V A A A W C
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER EAS Non-repetitive avalanche energy CONDITIONS MIN. MAX. 290 UNIT mJ Unclamped inductive load, IAS = 4.8 A; tp = 0.23 ms; Tj prior to avalanche = 25C; VDD 50 V; RGS = 50 ; VGS = 10 V; refer to fig:17 Repetitive avalanche energy1 IAR = 7.2 A; tp = 2.5 s; Tj prior to avalanche = 25C; RGS = 50 ; VGS = 10 V; refer to fig:18 Repetitive and non-repetitive avalanche current
EAR IAS, IAR
-
9.4 7.2
mJ A
1 pulse width and repetition rate limited by Tj max. March 1999 1 Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Avalanche energy rated
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-mb Rth j-a Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS MIN. in free air -
IRF730
TYP. MAX. UNIT 60 1 K/W K/W
ELECTRICAL CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL PARAMETER Drain-source breakdown voltage V(BR)DSS / Drain-source breakdown Tj voltage temperature coefficient RDS(ON) Drain-source on resistance VGS(TO) Gate threshold voltage gfs Forward transconductance IDSS Drain-source leakage current V(BR)DSS IGSS Qg(tot) Qgs Qgd td(on) tr td(off) tf Ld Ld Ls Ciss Coss Crss CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 0.25 mA MIN. 400 2.0 2 TYP. MAX. UNIT 0.1 0.7 3.0 4 1 30 10 52 3 26 12 33 93 42 3.5 4.5 7.5 620 108 63 1 4.0 25 250 200 62 5 30 V %/K V S A A nA nC nC nC ns ns ns ns nH nH nH pF pF pF
VGS = 10 V; ID = 3.6 A VDS = VGS; ID = 0.25 mA VDS = 30 V; ID = 3.6 A VDS = 400 V; VGS = 0 V VDS = 320 V; VGS = 0 V; Tj = 125 C Gate-source leakage current VGS = 30 V; VDS = 0 V Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance Input capacitance Output capacitance Feedback capacitance ID = 7.2 A; VDD = 320 V; VGS = 10 V VDD = 200 V; RD = 27 ; RG = 12
Measured from tab to centre of die Measured from drain lead to centre of die Measured from source lead to source bond pad VGS = 0 V; VDS = 25 V; f = 1 MHz
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL PARAMETER IS ISM VSD trr Qrr Continuous source current (body diode) Pulsed source current (body diode) Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS Tmb = 25C Tmb = 25C IS = 7.2 A; VGS = 0 V IS = 7.2 A; VGS = 0 V; dI/dt = 100 A/s MIN. TYP. MAX. UNIT 270 3.3 7.2 29 1.2 A A V ns C
March 1999
2
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Avalanche energy rated
IRF730
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
1
Zth j-mb, Transient thermal impedance (K/W) D = 0.5 0.2
PHP3N60
0.1 0.1 0.05 0.02
0.01
single pulse
P D
tp
D=
tp T t
T
0
20
40
60
80 100 Tmb / C
120
140
0.001 1us
10us
1ms 100us 10ms tp, pulse width (s)
100ms
1s
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
ID, Drain current (Amps) Tj = 25 C PHP5N40 10 V 7V 15 6.5 V 6V 10 5.5 V 5V 5 VGS = 4.5 V
120 110 100 90 80 70 60 50 40 30 20 10 0
20
0
20
40
60
80 Tmb / C
100
120
140
0
0
5
10 15 20 25 VDS, Drain-Source voltage (Volts)
30
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 10 V
Fig.5. Typical output characteristics. ID = f(VDS); parameter VGS
PHP5N40 Tj = 25 C
100
ID, Drain current (Amps)
PHP3N50
2.5
RDS(on), Drain-Source on resistance (Ohms) 4.5 V 5V 5.5 V VGS = 6 V 6.5 V 7V
10
RD
S(
) ON
=
VD
ID S/
tp = 10 us
2
10 V
1.5
100 us 1 ms DC 10 ms
1
1
0.5
0.1 10
100 1000 VDS, Drain-source voltage (Volts)
10000
0
0
5
10 ID, Drain current (Amps)
15
20
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance. RDS(ON) = f(ID); parameter VGS
March 1999
3
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Avalanche energy rated
IRF730
20
ID, Drain current (Amps) VDS > ID x RDS(on)max Tj = 25 C
PHP5N40
4
VGS(TO) / V max.
15 Tj = 150 C 10
3
typ.
min. 2
5
1
0
0
0
2 4 6 VGS, Gate-Source voltage (Volts)
8
10
-60
-40
-20
0
20
40 60 Tj / C
80
100
120
140
Fig.7. Typical transfer characteristics. ID = f(VGS); parameter Tj
gfs, Transconductance (S) VDS > ID x RDS(on)max 6 5 150 C 4 3 2 Tj = 25 C PHP5N40
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 0.25 mA; VDS = VGS
ID / A SUB-THRESHOLD CONDUCTION
7
1E-01
1E-02
1E-03
2%
typ
98 %
1E-04
1E-05
1 0
1E-06 0 1 2 VGS / V 3 4
0
5
10 ID, Drain current (A)
15
20
Fig.8. Typical transconductance. gfs = f(ID); parameter Tj
a Normalised RDS(ON) = f(Tj)
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
1000
Junction capacitances (pF) Ciss
PHP5N40
2
100
1
Coss Crss
0 -60 -40 -20 0 20 40 60 Tj / C 80 100 120 140
10
1
10 100 VDS, Drain-Source voltage (Volts)
1000
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 3.6 A; VGS = 10 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
March 1999
4
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Avalanche energy rated
IRF730
15
VGS, Gate-Source voltage (Volts) ID = 7.2 A Tj = 25 C 80 V 240 V
PHP5N40
20
IF, Source-Drain diode current (Amps) VGS = 0 V
PHP5N40
VDD = 320 V
15
10
10 150 C Tj = 25 C
5
5
0
0
10
20
30 40 50 Qg, Gate charge (nC)
60
70
80
0
0
0.2
0.4 0.6 0.8 1 VSDS, Source-Drain voltage (Volts)
1.2
1.4
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); parameter VDS
PHP5N40
Fig.16. Source-Drain diode characteristic. IF = f(VSDS); parameter Tj
1000
Switching times (ns) VDD = 200 V VGS = 10 V RD = 27 Ohms Tj = 25 C
10
Non-repetitive Avalanche current, IAS (A) 25 C
Tj prior to avalanche = 125 C
100 td(off) tf tr
ID
1
VDS tp
PHP7N40E 1E-05 1E-04 Avalanche time, tp (s) 1E-03 1E-02
10
td(on) 0 10 20 30 40 RG, Gate resistance (Ohms) 50 60
0.1 1E-06
Fig.14. Typical switching times; td(on), tr, td(off), tf = f(RG)
Fig.17. Maximum permissible non-repetitive avalanche current (IAS) versus avalanche time (tp); unclamped inductive load
1.15 1.1 1.05
Normalised Drain-source breakdown voltage
V(BR)DSS @ Tj V(BR)DSS @ 25 C
10
Maximum Repetitive Avalanche Current, IAR (A) Tj prior to avalanche = 25 C
1
1 0.95 0.9 0.85 -100
125 C
0.1
PHP7N40E 0.01 1E-06
-50 0 50 Tj, Junction temperature (C) 100 150
1E-05
1E-04 Avalanche time, tp (s)
1E-03
1E-02
Fig.15. Normalised drain-source breakdown voltage; V(BR)DSS/V(BR)DSS 25 C = f(Tj)
Fig.18. Maximum permissible repetitive avalanche current (IAR) versus avalanche time (tp)
March 1999
5
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Avalanche energy rated
MECHANICAL DATA
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220 SOT78
IRF730
E P
A A1 q
D1
D
L2(1)
L1 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.7 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1 3.30 2.79 L2 max. 3.0
(1)
P 3.8 3.6
q 3.0 2.7
Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC TO-220 EIAJ EUROPEAN PROJECTION ISSUE DATE 97-06-11
Fig.19. SOT78 (TO220AB); pin 2 connected to mounting base (Net mass:2g)
Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to mounting instructions for SOT78 (TO220AB) package. 3. Epoxy meets UL94 V0 at 1/8".
March 1999
6
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Avalanche energy rated
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
IRF730
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
March 1999
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of IRF730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X